Part Number Hot Search : 
ETD4435 MZ4104 1N5908RL ZY100GP 12N65 ISL33002 30070 VDZ13B
Product Description
Full Text Search
 

To Download 22SM1-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interactive catalog replaces catalog pages sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 honeywell sensing and control has replaced the pdf product catalog with the new interactive catalog . the interactive catalog is a power search tool that makes it easier to find product information. it includes more installation, application, and technical information than ever before. click this icon to try the new interactive catalog.
basic switches sm series subminiature 26 honeywell 1 micro switch sensing and control for application help: call 1-800-537-6945. cut-a-way sm subminiature basic switch available terminals various terminals are available for most listings. these include: the t and t2 for wrap-around soldering of leadwires; sol- der terminals for solder connections; h58 terminals and h4 series terminals provide easy quick-connect installation; h2 type, round wire wrap or pc terminals; h6 rect- angular wire wrap terminals are also avail- able. other quick-connect terminals of the series h types are available. contact the 800 number for ordering information. general information sm subminiature switches are slightly larger than the sx switches. these switches combine small size and light weight with ample electrical capacity, pre- cision operation and long life. unless oth- erwise noted, all listings have silver con- tacts. t solder t2 h4 h58 h2 mates with amp inc. part no. 640024-1 std. dimensions shown are for reference only features 1 low operating force to 2 ounces maximum 1 sensitive differential travel as low as .001 inch (0,025 mm) maximum 1 power load switching capability available to 11 amps (vac) silver contacts 1 motor load handling capacity to 1/4 hp (vac) 1 optional gold contacts for low energy applications 1 optional bifurcated gold contacts for maximum reliability 1 long mechanical life 11sm series 10,000,000 operations 1sm/41sm series 80,000 operations bifurcated contacts 1,000,000 operations all at 95% survival 1 standard temperature range - 65 to + 185 f( - 54 to 85 c) 1 high temperature construction available for use to + 400 f (204 c) for 100 hours 1 variety of integral and auxiliary actuators 1 choice of several terminal styles 1 military standard construction available with three listings on the mil-s-8805 qualified products list 1 ul recognized file #e12252, csa certified file #lr41372 mounting torque: 2.3 inch pounds max. this section covers only 38 of our most popular sm series catalog listings. if you don't find what you're looking for, it's likely one of the approximately 500 other active sm listings will meet your needs. contact the 800 number.
basic switches sm series subminiature for application help: call 1-800-537-6945. honeywell 1 micro switch sensing and control 27 characteristics: o.f. e operating force; r.f. e release force; p.t. e pretravel; o.t. e overtravel; d.t. e differential travel; o.p. e operating position. order guide by ascending electrical capability pin plungers electrical data and o.f. r.f. min. p.t. max. o.t. min. d.t. max. o.p. * catalog ul code newtons newtons mm mm mm mm listing recommended for page 20 ounces ounces inches inches inches inches 11sm1077-t gold alloy contacts .1 amp 0,83-1,39 0,28 0,51 0,13 0,1 8,38 p 3-5 1 .020 .005 .004 .330 12sm604-t bifurcated gold contacts, .1 amp 0,83-1,39 0,28 0,51 0,076 0,1 8,38 reduced rating p 3-5 1 .020 .003 .004 .330 11sm23-t application requiring gold 1 amp 0,83-1,39 0,28 0,51 0,13 0,1 8,38 contacts n 3-5 1 .020 .005 .004 .330 12sm4-t best reliability 1 amp 0,83-1,39 0,28 0,51 0,076 0,1 8,38 (bifurcated gold contacts) n 3-5 1 .020 .003 .004 .330 11sm701-t lower force 4 amps 0,56 0,14 0,51 0,13 0,051 8,38 s 2 .5 .020 .005 .002 .330 11sm1-t most applications 5 amps 0,83-1,39 0,28 0,51 0,13 0,1 8,38 j 3-5 1 .020 .005 .004 .330 11sm3-t operating in temperatures 5 amps 0,83-1,39 0,28 0,51 0,13 0,1 8,38 to + 250 f (121 c) j 3-5 1 .020 .005 .004 .330 11sm244-t operating in temperatures 5 amps 0,83-1,39 0,28 0,51 0,13 0,1 8,38 to + 400 f (204 c) 100 hrs. * 3-5 1 .020 .005 .004 .330 11sm401-t less differential travel 5 amps 0,97 0,28 0,51 0,13 0,025 8,38 k 3.5 1 .020 .005 .001 .330 max. 21sm284-t2 mil-s-8805 application 5 amps 0,83-1,39 0,28 0,76 0,13 0,1 8,38 (ms25085-2) requirements r 3-5 1 .030 .005 .004 .330 21sm284 mil-s-8805 application 5 amps 0,83-1,39 0,28 0,76 0,13 0,1 8,38 (ms25085-1) requirements, r 3-5 1 .030 .005 .004 .330 solder terminals 22SM1-T best stability under 5 amps 0,83-1,39 0,28 0,51 0,13 0,1 8,38 varying humidity j 3-5 1 .020 .005 .004 .330 41sm1-t up to 11 ampere 1/4 hp 11 amps 0,83-1,39 0,28 0,76 0,13 0,1 8,38 (ac) load handling m 3-5 1 .030 .005 .004 .330 dim. dwg. fig. 1 *for electrical data call 1-800-537-6945 411sm1 sealed plunger construction 5 amps 0,83-2,09 0,28 0,51 0,13 0,1 8,38 k 3-7.5 1 .020 .005 .004 .330 411sm23 as above with gold contacts 1 amp 0,83-2,09 0,28 0,51 0,13 0,1 8,38 n 3-7.5 1 .020 .005 .004 .330 except where stated * 0,38mm .015 in. miniature/ subminiature
basic switches sm series subminiature 28 honeywell 1 micro switch sensing and control for application help: call 1-800-537-6945. characteristics: o.f. e operating force; r.f. e release force; p.t. e pretravel; o.t. e overtravel; d.t. e differential travel; o.p. e operating position. order guide integral levers electrical data and o.f. max. r.f. max. p.t. max. o.t. min. d.t. max. o.p. catalog ul code newtons newtons mm mm mm mm listing description page 20 ounces ounces inches inches inches inches 311sm1-t .285 inch (7,24mm) 5 amps 0,39 0,07 2,16 0,51 0,48 8,64 1,5 straight lever j 1.4 .25 .085 .020 .019 .340 .060 311sm23-t as above with gold 1 amp 0,39 0,07 2,16 0,51 0,48 8,64 1,5 contacts n 1.4 .25 .085 .020 .019 .340 .060 311sm701-t .285 inch (7,24mm) 4 amps 0,16 0,03 2,16 0,51 0,36 8,64 1,5 straight lever. lower force s .57 .11 .085 .020 .014 .340 .060 dim. dwg. fig. 4 311sm2-t .565 inch (14,35mm) 5 amps 0,31 0,05 3,05 0,66 0,69 8,51 2 straight lever j 1.1 .18 .120 .026 .027 .335 .080 311sm43-t as above with gold 1 amp 0,31 0,05 3,05 0,66 0,69 8,51 2 contacts n 1.1 .18 .120 .026 .027 .335 .080 311sm702-t .565 inch (14,35mm) 4 amps 0,11 0,02 3,05 0,66 0,38 8,51 2 straight lever. lower force s .4 .07 .120 .026 .015 .335 .080 dim. dwg. fig. 5 311sm3-t 1.765 inch (44,8mm) 5 amps 0,15 0,02 7,87 1,45 2,8 7,11 4,3 straight lever j .53 .07 .310 .057 .110 .280 .170 311sm17-h58 as above with gold 1 amp 0,15 0,02 7,87 1,45 2,8 7,11 4,3 contacts n .53 .07 .310 .057 .110 .280 .170 311sm703-t 1.765 inch (44,8mm) 4 amps 0,06 0,01 7,87 1,45 1,78 7,11 4,3 straight lever. lower force s .2 .04 .310 .057 .070 .280 170 dim. dwg. fig. 6 311sm4-t .251 inch (6,38mm) 5 amps 0,39 0,07 2,16 0,46 0,48 11,7 1,5 simulated roller lever j 1.4 .25 .085 .018 .019 .460 .060 311sm25-t as above with gold 1 amp 0,39 0,07 2,16 0,46 0,48 11,7 1,5 contacts n 1.4 .25 .085 .018 .019 .460 .060 311sm704-t .251 inch (6,38mm) 4 amps 0,16 0,03 2,16 0,46 0,33 11,7 1,5 simulated roller lever. s .57 .11 .085 .018 .013 .460 .060 lower force dim. dwg. fig. 7 311sm5-t .535 inch (13,6mm) 5 amps 0,31 0,05 3,05 0,66 0,69 11,56 2 simulated roller lever j 1.1 .18 .120 .026 .027 .455 .080 311sm705-t .535 inch (13,6mm) 4 amps 0,11 0,02 3,05 0,66 0,38 11,56 2 simulated roller lever. s .4 .07 .120 .026 .015 .455 .080 lower force dim. dwg. fig. 8 311sm6-t .251 inch (6,38mm) 5 amps 0,39 0,07 2,16 0,46 0,48 14,2 1,5 roller lever j 1.4 .25 .085 .018 .019 .560 .060 311sm68-t as above with gold 1 amp 0,39 0,07 2,16 0,46 0,48 14,2 1,5 contacts n 1.4 .25 .085 .018 .019 .560 .060 311sm706-t .251 inch (6,38mm) 4 amps 0,16 0,03 2,16 0,46 0,33 14,2 1,5 roller lever. lower force s .57 .11 .085 .018 .013 .560 .060 dim. dwg. fig. 9 311sm7-t .535 inch (13,6mm) 5 amps 0,31 0,05 3,05 0,66 0,69 14,1 2 roller lever j 1.1 .18 .120 .026 .027 .555 .080 dim. dwg. fig. 10
basic switches sm series subminiature for application help: call 1-800-537-6945. honeywell 1 micro switch sensing and control 29 order guide integral leaf electrical data and o.f. max. r.f. min. p.t. max. o.t. min. d.t. max. o.p. catalog ul code newtons newtons mm mm mm mm listing recommended for page 20 ounces ounces inches inches inches inches 111sm1-t force and stability of 5 amps 1,95 0,56 5,54 0,76 0,76 8,89 0,76 flexible leaf actuator j 7 2 .218 .030 .030 .350 .030 111sm17-t as above with gold 1 amp 1,95 0,56 5,54 0,76 0,76 8,89 0,76 contacts n 7 2 .218 .030 .030 .350 .030 dim. dwg. fig. 11 111sm2-t flexible leaf with roller 5 amps 1,95 0,56 5,56 0,76 0,64 14,3 0,76 j 7 2 .219 .030 .025 .562 .030 111sm23-t as above with gold 1 amp 1,95 0,56 5,56 0,76 0,64 14,3 0,76 contacts n 7 2 .219 .030 .025 .562 .030 dim. dwg. fig. 12 miniature/ subminiature
basic switches sm series subminiature 30 honeywell 1 micro switch sensing and control for application help: call 1-800-537-6945. characteristics: o.f. e operating force; r.f. e release force; p.t. e pretravel; o.t. e overtravel; d.t. e differential travel; o.p. e operating position; f.p. e free position * all characteristics are taken with actuator assembled to catalog listing 11sm3-t as shown. order guide auxiliary actuators switches are not included with the actuators. actuator length `` a'' o.f. max. r.f. min. p.t. max. o.t. min. d.t. max. o.p. f.p. max. catalog mm newtons newtons mm mm mm mm mm listing description inches ounces ounces inches inches inches inches inches js-2 straight leaf 16,8 2,78 0,56 1,98 0,38 0,38 8,89 0,38 11,3 .66 10 2 .078 .015 .015 .350 .015 .445 dim. dwg. fig. 14 js-5 roller leaf 15 2,78 0,83 1,98 0,38 0,38 14,2 0,38 16,9 (bronze roller) .59 10 3 .078 .015 .015 .580 .015 .665 dim. dwg. fig. 14 js-7 formed leaf 14,7 2,78 0,56 2,39 0,79 0,38 9,65 0,38 12,1 (simulated roller) .58 10 2 .094 .031 .015 .380 .015 .475 dim. dwg. fig. 14 js-220 straight lever 26,22 0,28 0,04 3,18 0,76 0,76 10,3 e 1.03 1 .14 .125 approx. .030 .030 .406 approx. dim. dwg. fig. 16 js-246 roller lever 25,42 0,28 0,04 3,18 0,76 0,76 14,3 e (steel roller) 1.00 1 .14 .125 approx. .030 .030 .562 approx. dim. dwg. fig. 16 js-221 formed lever 25,42 0,28 0,04 3,18 0,76 0,76 11,6 e (simulated roller) 1.00 1 .14 .125 approx. .030 .030 .455 approx. dim. dwg. fig. 16 js-33** tandem leaf 5,3 5,00 2,78 2,36 0,15 0,38 8,89 0,38 10,5 .21 18 10 .093 .006 .015 .350 .015 .415 js-31** tandem roller leaf 4,3 11,1 4,45 2,36 0,13 0,38 14,5 0,38 16,1 (bronze roller) .17 40 16 .093 .005 .015 .570 .015 .635 **travel characteristics on tandem actuators vary with actual basic switch characteristics. note: above actuators should be used below + 300 f. see page 79 for other actuators that may be used with sm switches at higher temperatures. 2 `` a'' measurement is from the pivot point of lever to the point indicated on drawing.
basic switches sm series subminiature for application help: call 1-800-537-6945. honeywell 1 micro switch sensing and control 31 mounting dimensions (for reference only) pin plunger fig. 1 fig. 2 integral levers fig. 4 fig. 5 fig. 6 fig. 7 fig. 8 fig. 9 fig. 10 integral leafs fig. 11 fig. 12 auxiliary actuators fig. 14 fig. 16 switches are not included with the actuators. mounting holes accept pins or screws of .087 inch (2,21 mm) max. diameter miniature/ subminiature


▲Up To Search▲   

 
Price & Availability of 22SM1-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X